Part Number Hot Search : 
MM1096BF SPT5303 Z5232 A1010 P1701U RF101 100W1 W536060T
Product Description
Full Text Search
 

To Download 1N5242B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1/2 Watt ZENER DIODES (4.7V to 62V)
Mechanical Dimensions
JEDEC D0-35
.060 .090 .120 .200 1.00 Min.
1N5230...5265 Series
Description
.024 typ.
Features
n 5 & 10% VOLTAGE TOLERANCES AVAILABLE n WIDE VOLTAGE RANGE n MEETS UL SPECIFICATION 94V-0 1N5230...5265 Series ............................................. 5 0 0 ............................................... ............................................. 4 ............................................... Units mW mW / C C
Maximum Ratings DC Power Dissipation with TL = > = 75C ...PD Lead Length = .375 Inches Derate Above 50 C Operating & Storage Temperature Range...TJ, TSTRG Steady State Power Derating
......................................... -65 to 100 ..........................................
Temperature Coefficients vs. Voltage
Typical Junction Capacitance
Watts
mV/oC
pF
1 V Bias
0 V Bias
50% Vz Bias
T L = Lead Temperature (C)
Zener Voltage (Volts) Zener Current vs. Zener Voltage
Zener Voltage (Volts)
Zener Current (mA)
Zener Voltage (Volts)
Page 12-2
Data Sheet
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix A. For 5% Tolerance, Specify Suffix B. (Example: 1N5230B = 4.7V +/- 5%) 2. TA = 25 C unless otherwise specified. Measurements made at Thermal Equilibrium.
Lead Length = .375". Thermal Resistance of Heat Sink = 30C / W, VF = 1.1V Max. @ IF = 200mA
Electrical Characteristics @ 25 O C. Part # Jedec Type # 1N5230A or B 1N5231A or B 1N5232A or B 1N5233A or B 1N5234A or B 1N5235A or B 1N5236A or B 1N5237A or B 1N5238A or B 1N5239A or B 1N5240A or B 1N5241A or B 1N5242A or B 1N5243A or B 1N5244A or B 1N5245A or B 1N5246A or B 1N5247A or B 1N5248A or B 1N5249A or B 1N5250A or B 1N5251A or B 1N5252A or B 1N5253A or B 1N5254A or B 1N5255A or B 1N5256A or B 1N5257A or B 1N5258A or B 1N5259A or B 1N5260A or B 1N5261A or B 1N5262A or B 1N5263A or B 1N5264A or B 1N5265A or B Nominal Zener Voltage 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 Test Current Izt Max 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0
MAX. ZENER IMPEDANCE
Zzt @ Izt Ohms 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185
Zzk @ Izk = 0.25mA Ohms 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400
MAX. REVERSE LEAKAGE CURRENT
MAX ZENER VOLTAGE
IR (A) 5 5 5 5 5 5 3 3 3 3 3 2 1 .5 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1
VR 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 15 16 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47
Temp. Coeff. O VZ (% / o C) +/- 0.03 +/- 0.03 + 0.038 + 0.038 + 0.045 + 0.050 + 0.058 + 0.062 + 0.065 + 0.068 + 0.075 + 0.076 + 0.077 + 0.079 + 0.082 + 0.082 + 0.083 + 0.084 + 0.085 + 0.086 + 0.086 + 0.087 + 0.088 + 0.089 + 0.090 + 0.091 + 0.091 + 0.092 + 0.093 + 0.094 + 0.095 + 0.095 + 0.096 + 0.096 + 0.097 + 0.097
Page 12-3
1N5230...5265 Series
1/2 Watt ZENER DIODES (4.7V to 62V)


▲Up To Search▲   

 
Price & Availability of 1N5242B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X